Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1292 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1292
Description  ANTENNA SWITCH MODULE WITH 6 LINEAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1292 Datasheet(HTML) 1 Page - RF Micro Devices

  RF1292 Datasheet HTML 1Page - RF Micro Devices RF1292 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
TRX6 / GSM Rx
RF1292
GSM 1800/1900
GSM 850/900
Charge
Pump/
Decoder
TRX5 / GSM Rx
C
T
L
A
VDD
TRX1 / GSM Rx
TRX2 / GSM Rx
TRX3 / GSM Rx
TRX4 / GSM Rx
C
T
L
B
C
T
L
C
RF1292
ANTENNA SWITCH MODULE WITH 6 LINEAR
PATHS IDEAL FOR 3G AND LTE APPLICATIONS
The RF1292 Antenna Switch Module offers very low insertion loss along
with excellent linearity performance. The RF1292 is ideal for multi-mode
GSM, EDGE, UMTS and LTE handset applications. This module integrates
low pass filtering on the GSM transmit paths thus avoiding the need for
external harmonic attenuation. The RF1292 is compatible with +1.8V con-
trol logic and is packaged in a compact 2.5mm x 3.2mm, 18-pin, module
package which allows for a small solution size with no need for external
DC blocking capacitors when no DC is present external to the device.
Features
Excellent Insertion Loss and
Isolation Performance
Six Linear Paths Offer Band
Combination and
Air Interface Flexibility
Very high Linearity and
Excellent Harmonic
Performance - Ideally Suited
for LTE Applications
Excellent GSM TX Harmonic
Attenuation
Fully Spec Compliant at 1.2V
Control Voltage
Broadband Performance
Suitable for all Cellular Modu-
lation Schemes up to 3GHz
Very Low Current Consump-
tion
Compact 2.5mm x 3.2mm x
1.0mm(typ) Laminate
Module
>2kV HBM ESD on all Paths
Applications
Cellular Handset Applications
Cellular Modems and USB
Devices
"Multi-Mode GSM, EDGE,
WCDMA, LTE, and TD-SCDMA
Applications
RF1292ANTENNA SWITCH MODULE with 6 LINEAR PATHS Ideal For 3G and LTE applications
RF1292
SP8T Antenna Switching Module
DSB120326
Package Style: 18 pin, 2.5mm x 3.2mm x 1.0mm


Similar Part No. - RF1292

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1291 RFMD-RF1291 Datasheet
144Kb / 2P
SWITCH FILTER MODULE WITH
RF1295 RFMD-RF1295 Datasheet
148Kb / 2P
SP12T ANTENNA SWITCH MODULE IDEAL FOR
logo
RF Monolithics, Inc
RF1295C RFM-RF1295C Datasheet
60Kb / 2P
451.35 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1295C MURATA-RF1295C Datasheet
68Kb / 2P
451.35 MHz SAW Filter
More results

Similar Description - RF1292

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5321ZV EUDYNA-FMM5321ZV Datasheet
176Kb / 5P
Quad-band Antenna Switch Module
logo
Johanson Technology Inc...
0875AS43A1850 JOHANSON-0875AS43A1850 Datasheet
146Kb / 4P
875 MHz SPT4 GSM Antenna Switch Module
logo
Infineon Technologies A...
BGS13AL12 INFINEON-BGS13AL12 Datasheet
1Mb / 16P
SP3T Antenna Switch with Antenna Termination Port
Revision 1.1, 2009-06-25
logo
RF Micro Devices
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
SP10T ANTENNA SWITCH MODULE
RF1255 RFMD-RF1255 Datasheet
171Kb / 2P
ANTENNA SWITCH MODULE WITH DUAL
RF1295 RFMD-RF1295 Datasheet
148Kb / 2P
SP12T ANTENNA SWITCH MODULE IDEAL FOR
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
SP10T ANTENNA SWITCH MODULE
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com