Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1603A Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF1603A
Description  BROADBAND HIGH POWER SP3T SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1603A Datasheet(HTML) 1 Page - RF Micro Devices

  RF1603A Datasheet HTML 1Page - RF Micro Devices RF1603A Datasheet HTML 2Page - RF Micro Devices RF1603A Datasheet HTML 3Page - RF Micro Devices RF1603A Datasheet HTML 4Page - RF Micro Devices RF1603A Datasheet HTML 5Page - RF Micro Devices RF1603A Datasheet HTML 6Page - RF Micro Devices RF1603A Datasheet HTML 7Page - RF Micro Devices RF1603A Datasheet HTML 8Page - RF Micro Devices RF1603A Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
RF1
VDD V1
V2
RF1603A
RF2
RF3
RF1603A
BROADBAND HIGH POWER SP3T SWITCH
The RF1603A is a single-pole three-throw (SP3T) switch designed for gen-
eral purpose switching applications which require very low insertion loss
and high power handling capability with minimal DC power consumption.
The excellent linearity performance achieved by the RF1603A make it
ideal for use in multimode GSM/EDGE/WCDMA/CDMA applications. The
RF1603A offers very high isolation between the RF ports, providing
greater RF separation between the transmit and receive paths, which is
critical in full-duplex systems. Additionally, RF1603A includes integrated
decoding logic, allowing just two control lines needed for switch control.
The RF1603A is packaged in a very compact 2.5mmx2.5mm, 12-pin,
leadless QFN package.
Features
2kV HBM ESD Protection on
All Ports
Low Frequency to 2.5GHz
Operation
Low Insertion Loss:
0.4dB at 1GHz
Very High Isolation: 40dB at
1GHz
Compatible With Low Voltage
Logic (VHIGH Min=1.3V)
High Linearity:
IIP2 >120dBm
No External DC Blocking
Capacitors Required
Applications
Multi-Mode GSM, WCDMA,
CDMA Applications
GSM/GPRS/EDGE Switch
Applications
Cellular Infrastructure Appli-
cations
Receive Diversity Switching
General Purpose Switching
Applications
RF1603A
Broadband High Power SP3T Switch
RF1603APCBA-410 Fully Assembled Evaluation Board
DS110725
CONFIDENTIAL: NDA REQUIRED
Package Style: QFN, 12-pin, 2.5mmx2.5mm


Similar Part No. - RF1603A

ManufacturerPart #DatasheetDescription
logo
Rohm
RF1601NS2D ROHM-RF1601NS2D Datasheet
669Kb / 8P
Super Fast Recovery Diode
RF1601NS2DFH ROHM-RF1601NS2DFH Datasheet
951Kb / 7P
Super Fast Recovery Diode
RF1601T2D ROHM-RF1601T2D Datasheet
47Kb / 3P
Fast recovery Diodes (Silicon Epitaxial Planar)
RF1601T2D ROHM-RF1601T2D Datasheet
138Kb / 4P
Fast recovery diodes
RF1601T2D ROHM-RF1601T2D Datasheet
302Kb / 4P
Fast recovery diodes
More results

Similar Description - RF1603A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP4M3018 TRIQUINT-TQP4M3018 Datasheet
459Kb / 9P
SP3T High Power 2.6V CDMA Antenna Switch
logo
Sony Corporation
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
High Power SP3T Switch with Logic Control
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch
logo
RF Micro Devices
RF1136 RFMD-RF1136 Datasheet
593Kb / 9P
BROADBAND LOW POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
logo
Infineon Technologies A...
BGS13PN10 INFINEON-BGS13PN10 Datasheet
2Mb / 15P
SP3T high linearity, high power RF Switch
Revision 1.0 - 2016-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com