Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1027 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1027
Description  500W GaN Wide-Band Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1027 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1027 Datasheet HTML 1Page - RF Micro Devices RFHA1027 Datasheet HTML 2Page - RF Micro Devices RFHA1027 Datasheet HTML 3Page - RF Micro Devices RFHA1027 Datasheet HTML 4Page - RF Micro Devices RFHA1027 Datasheet HTML 5Page - RF Micro Devices RFHA1027 Datasheet HTML 6Page - RF Micro Devices RFHA1027 Datasheet HTML 7Page - RF Micro Devices RFHA1027 Datasheet HTML 8Page - RF Micro Devices RFHA1027 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFHA1027
500W GaN Wide-Band Pulsed Power Amplifier
The RFHA1027 is a 50V 500W high power discrete amplifier
designed for L-Band pulsed radar, air traffic control and
surveillance and general purpose broadband amplifiers
applications. Using an advanced high power density Gallium
Nitride (GaN) semiconductor process, these high performance
amplifiers achieve high output power, high efficiency and flat gain
over a broad frequency range in a single package. The
RFHA1027 is a matched power transistor packaged in a hermetic,
flanged ceramic package. The package provides excellent thermal
stability through the use of advanced heat-sink and power
dissipation technologies. Ease of integration is accomplished
through the incorporation of single, optimized matching networks
that provide wideband gain and power performance in a single
amplifier.
Functional Block Diagram
Ordering Information
RFHA1027S2
Sample bag with 2 pieces
RFHA1027SB
Bag with 5 pieces
RFHA1027SQ
Bag with 25 pieces
RFHA1027SR
7” short reel with 50 pieces
RFHA1027TR13
13” reel with 250 pieces
RFHA1027PCBA-410
Fully Assembled Evaluation Board Optimized for
1.2GHz to1.4GHz; 50V
Package: Flanged Ceramic, 2 pin
Features
Wideband Operation:
1.2GHz to1.4GHz
Advanced GaN HEMT Technology
Advanced Heat-Sink Technology
Optimized Evaluation Board
Layout for 50
Ω Operation
Integrated Matching Components
for High Terminal Impedances
50V Operation Typical
Performance
Output Pulsed Power 500W
Pulse Width 1ms,
Duty Cycle 10%
Small Signal Gain 16dB
High Efficiency 55%
-40°C to 85°C Operation
Temperature
Applications
Radar
Air Traffic Control and Surveillance
General Purpose Broadband
Amplifiers
RFHA1027
RFHA1027


Similar Part No. - RFHA1027

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020PCBA-410 RFMD-RFHA1020PCBA-410 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020S2 RFMD-RFHA1020S2 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SB RFMD-RFHA1020SB Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1020SQ RFMD-RFHA1020SQ Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
More results

Similar Description - RFHA1027

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RFHA1020 RFMD-RFHA1020 Datasheet
745Kb / 10P
280W GaN WIDE-BAND PULSED POWER AMPLIFIER
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA1021U RFMD-RFHA1021U Datasheet
978Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA1023A RFMD-RFHA1023A Datasheet
616Kb / 10P
250W GaN WIDE-BAND PULSED
RFHA1028 RFMD-RFHA1028 Datasheet
824Kb / 11P
160W GaN Wide-Band Pulsed Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com