Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ309L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBFJ309L
Description  JFET - VHF/UHF Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ309L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBFJ309L Datasheet HTML 1Page - ON Semiconductor MMBFJ309L Datasheet HTML 2Page - ON Semiconductor MMBFJ309L Datasheet HTML 3Page - ON Semiconductor MMBFJ309L Datasheet HTML 4Page - ON Semiconductor MMBFJ309L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBFJ309L, MMBFJ310L, SMMBFJ310L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate−Source Breakdown Voltage
(IG = −1.0 mAdc, VDS = 0)
V(BR)GSS
−25
−
−
Vdc
Gate Reverse Current (VGS = −15 Vdc)
Gate Reverse Current (VGS = −15 Vdc, TA = 125°C)
IGSS
−
−
−
−
−1.0
−1.0
nAdc
mAdc
Gate Source Cutoff Voltage
MMBFJ309
(VDS = 10 Vdc, ID = 1.0 nAdc)
MMBFJ310, SMMBFJ310
VGS(off)
−1.0
−2.0
−
−
−4.0
−6.5
Vdc
ON CHARACTERISTICS
Zero−Gate−Voltage Drain Current
MMBFJ309
(VDS = 10 Vdc, VGS = 0)
MMBFJ310, SMMBFJ310
IDSS
12
24
−
−
30
60
mAdc
Gate−Source Forward Voltage
(IG = 1.0 mAdc, VDS = 0)
VGS(f)
−
−
1.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Forward Transfer Admittance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
|Yfs|
8.0
−
18
mmhos
Output Admittance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
|yos|
−
−
250
mmhos
Input Capacitance
(VGS = −10 Vdc, VDS = 0 Vdc, f = 1.0 MHz)
Ciss
−
−
5.0
pF
Reverse Transfer Capacitance
(VGS = −10 Vdc, VDS = 0 Vdc, f = 1.0 MHz)
Crss
−
−
2.5
pF
Equivalent Short−Circuit Input Noise Voltage
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 Hz)
en
−
10
−
nV Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com