Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB5089Z Datasheet(PDF) 9 Page - RF Micro Devices

Part # SBB5089Z
Description  50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB5089Z Datasheet(HTML) 9 Page - RF Micro Devices

Back Button SBB5089Z Datasheet HTML 2Page - RF Micro Devices SBB5089Z Datasheet HTML 3Page - RF Micro Devices SBB5089Z Datasheet HTML 4Page - RF Micro Devices SBB5089Z Datasheet HTML 5Page - RF Micro Devices SBB5089Z Datasheet HTML 6Page - RF Micro Devices SBB5089Z Datasheet HTML 7Page - RF Micro Devices SBB5089Z Datasheet HTML 8Page - RF Micro Devices SBB5089Z Datasheet HTML 9Page - RF Micro Devices SBB5089Z Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB5089Z
Application Schematic
Evaluation Board Layout
Reference Designator
Frequency (MHz)
500 to 3500
CB
68pF
LC
82nH 0805CS
Note: For frequencies under 500MHz, make the following changes:
CB=.1uF
LC=330nH
SBB5089Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com