Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF314 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF314
Description  RF POWER TRANSISTORS NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF314 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF314 Datasheet HTML 1Page - Tyco Electronics MRF314 Datasheet HTML 2Page - Tyco Electronics MRF314 Datasheet HTML 3Page - Tyco Electronics MRF314 Datasheet HTML 4Page - Tyco Electronics MRF314 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 30 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
30
40
pF
FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 30 W, f = 150 MHz)
GPE
10
13.5
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 30 W, f = 150 MHz)
η
50
—
—
%
Load Mismatch
(VCC = 28 Vdc, Pout = 30 W, f = 150 MHz,
VSWR = 30:1 all phase angles)
ψ
No Degradation in Power Output
Figure 1. 150 MHz Test Circuit
R2
R1
RFC3
L1
C10
C9
C8
RFC2
C2
C3
RFC1
C4
C5
C6
RF OUTPUT
Z2
C1
Z1
DC + 28 Vdc
C7
DUT
RF INPUT
C1, C7 — 18 pF, 100 mil ATC
C2 — 68 pF, 100 mil ATC
C3, C6 — Johanson #JMC 5501
C4 — 270 pF, 100 mil ATC
C5 — 240 pF, 100 mil ATC
C8, C9 — 100 pF Underwood
C10 — 1.0
µF Tantalum
L1 — 2 Turns, 2.5
″ #20 Wire, ID = 0.275″
R1, R2 — 10
Ω, 1.0 W
RFC1 — 15
µH Molded Coil
RFC2 — 2 Turns, 2.5
″ #20 Wire, ID = 0.2″
RFC3 — Ferroxcube VK200–19/4B
Z1 — Microstrip, 0.168
″ W x 1.6″ L
Z2 — Microstrip, 0.168
″ W x 1.2″ L
Board — Glass Teflon
εr = 2.55
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com