Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A13F Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP6A13F
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A13F Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMP6A13F_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A13F_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXMP6A13F
Document Number DS32014 Rev. 6 - 2
6 of 8
www.diodes.com
September 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A13F
Typical Characteristics - continued
0.1
1
10
0
100
200
300
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
-V
DS
- Drain - Source Voltage (V)
01
2
34
56
0
2
4
6
8
10
V
DS
= -30V
I
D
= -0.9A
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com