Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A13FQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A13FQ
Description  ZXMP6A13FQ_15
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A13FQ Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A13FQ_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A13FQ_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A13FQ
Document Number DS36684 Rev. 2 - 2
2 of 8
www.diodes.com
December 2013
© Diodes Incorporated
ZXMP6A13FQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
VGS = 10V
(Note 7)
TA = +70°C
(Note 7)
(Note 6)
ID
-1.1
-0.8
-0.9
A
Pulsed Drain Current (Note 8)
IDM
-4.0
A
Continuous Source Current (Body Diode) (Note 7)
IS
-1.2
A
Pulsed Source Current (Body Diode) (Note 8)
ISM
-4.0
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation (Note 7)
Linear Derating Factor
PD
806
6.5
mW
mW/°C
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
200
°C/W
Thermal Resistance, Junction to Ambient (Note 7)
RθJA
155
°C/W
Thermal Resistance, Junction to Leads (Note 9)
RθJL
194
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
6. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions
7. For a device surface mounted on FR4 PCB measured at t ≤ 5 secs.
8. Repetitive rating 25mm x 25mm FR4 PCB, D = 0.05 pulse width = 10μs - pulse current limited by maximum junction temperature.
9. Thermal resistance from junction to solder-point (at the end of the collector lead).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com