Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF317 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF317
Description  The RF Line NPN Silicon RF Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF317 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF317 Datasheet HTML 1Page - Tyco Electronics MRF317 Datasheet HTML 2Page - Tyco Electronics MRF317 Datasheet HTML 3Page - Tyco Electronics MRF317 Datasheet HTML 4Page - Tyco Electronics MRF317 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
150
175
pF
FUNCTIONAL TESTS (Figure 2)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 100 W, f = 150 MHz, IC (Max) = 6.5 Adc)
GPE
9.0
10
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 100 W, f = 150 MHz, IC (Max) = 6.5 Adc)
η
55
60
—
%
Load Mismatch
(VCC = 28 Vdc, Pout = 100 W CW, f = 150 MHz,
VSWR = 30:1 all phase angles)
ψ
No Degradation in Output Power
2
REV 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com