Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF321 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF321
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF321 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF321 Datasheet HTML 1Page - Tyco Electronics MRF321 Datasheet HTML 2Page - Tyco Electronics MRF321 Datasheet HTML 3Page - Tyco Electronics MRF321 Datasheet HTML 4Page - Tyco Electronics MRF321 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 6. Series Equivalent Impedance
Zin
0
10
-10
ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power,
ZOL* = voltage and frequency.
5
-5
f = 200 MHz
400
ZOL*
5
15
20
25
500
f = 200 MHz
400
500
Po = 10 W, VCC = 28 V
f
MHz
Zin
Ohms
ZOL*
Ohms
200
400
500
0.68 - j0.75
0.89 + j2.7
1.3 + j4.3
14.2 - j22
9.8 - j14.4
9.3 - j13
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com