Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF323 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF323
Description  RF POWER TRANSISTOR NPN SILICON
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF323 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF323 Datasheet HTML 1Page - Tyco Electronics MRF323 Datasheet HTML 2Page - Tyco Electronics MRF323 Datasheet HTML 3Page - Tyco Electronics MRF323 Datasheet HTML 4Page - Tyco Electronics MRF323 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
20
24
pF
FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 20 W, f = 400 MHz)
GPE
10
11
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 20 W, f = 400 MHz)
η
50
60
—
%
Load Mismatch
(VCC = 28 Vdc, Pout = 20 W, f = 400 MHz,
VSWR = 30:1 all phase angles)
ψ
No Degradation in Output Power
Figure 1. 400 MHz Test Circuit Schematic
C1, C2, C6 — 1.0–20 pF Johanson Trimmer (JMC 5501)
C3, C4 — 47 pF ATC Chip Capacitor
C5, C8 — 0.1
µF Erie Redcap
C7 — 0.5–10 pF Johanson Trimmer (JMC 5201)
C9, C10 — 680 pF Feedthru
C11 — 1.0
µF 50 Volt Tantalum
C12 — 0.018
µF Vitramon Chip Capacitor
L1 — 0.33
µH Molded Choke with Ferroxcube Bead
L1 — (Ferroxcube 56–590–65/4B) on Ground End
L2 — 6 Turns #20 Enamel, 1/4
″ ID, Closewound
L3 — 4 Turns #20 Enamel, 1/8
″ ID, Closewound
L4 — Ferroxcube VK200–19/4B
R1 — 5.1
Ω 1/4 Watt
Z1 — Microstrip 0.1
″ W x 1.35″ L
Z2 — Microstrip 0.1
″ W x 0.55″ L
Z3 — Microstrip 0.1
″ W x 0.8″ L
Z4 — Microstrip 0.1
″ W x 1.75″ L
Board — Glass Teflon
εr = 2.56, t = 0.062″
Input/Output Connectors — Type N
Z1
Z2
Z3
Z4
L4
C1
C2
L1
C3
C4
C5
L2
DUT
R1
C6
C7
C12
C11
C10
C9
C8
L3
+
-
+
-
28 V
RF INPUT
RF OUTPUT
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com