Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF422 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF422
Description  The RF Line NPN Silicon RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF422 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF422 Datasheet HTML 1Page - Tyco Electronics MRF422 Datasheet HTML 2Page - Tyco Electronics MRF422 Datasheet HTML 3Page - Tyco Electronics MRF422 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 Adc, VCE = 5.0 Vdc)
hFE
15
30
120
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
420
—
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 150 W (PEP), IC(max) = 6.7 Adc,
ICQ = 150 mAdc, f = 30, 30.001 MHz)
GPE
10
13
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 150 W (PEP), IC(max) = 6.7 Adc,
ICQ = 150 mAdc, f = 30, 30.001 MHz)
η
—
45
—
%
Intermodulation Distortion (1)
(VCE = 28 Vdc, Pout = 150 W (PEP), IC = 6.7 Adc,
ICQ = 150 mAdc, f = 30, 30.001 MHz)
IMD
—
–33
–30
dB
Output Power
(VCE = 28 Vdc, f = 30 MHz)
Pout
150
—
—
Watts
(PEP)
NOTE:
1. To Mil–Std–1311 Version A, Test Method 2204, Two Tone, Reference each Tone.
Figure 1. 30 MHz Test Circuit Schematic
C1, C2, C3, C5 — 170–680 pF, ARCO 469
C4 — 80–480 pF, ARCO 466
C6, C8, C11 — ERIE 0.1
µF, 100 V
C7 — MALLORY 500
µF, 15 V Electrolytic
C9 — UNDERWOOD 1000 pF, 350 V
C10 — 10
µF, 50 V Electrolytic
R1 — 10
Ω, 25 Watt Wire Wound
R2 — 10
Ω, 1.0 Watt Carbon
CR1 — 1N4997
L1 — 3 Turns, #16 Wire, 5/16
″ I.D., 5/16″ Long
L2 — 10
µH Molded Choke
L3 — 12 Turns, #16 Enameled Wire, Close Wound, 1/4
″ Dia.
L4 — 5 Turns, 1/8
″ Copper Tubing
L5 — 10 Ferrite Beads — FERROXCUBE #56–590–65/3B
+
BIAS
-
R1
CR1
C6
C7
L2
L3
D.U.T.
L1
C2
C1
R2
C3
C5
C4
L4
L5
28 Vdc
C8
C9
C10
C11
+
-
2
REV 6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com