Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA2363Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGA2363Z
Description  DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA2363Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGA2363Z Datasheet HTML 1Page - RF Micro Devices SGA2363Z Datasheet HTML 2Page - RF Micro Devices SGA2363Z Datasheet HTML 3Page - RF Micro Devices SGA2363Z Datasheet HTML 4Page - RF Micro Devices SGA2363Z Datasheet HTML 5Page - RF Micro Devices SGA2363Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA2363Z
SOT-363 PCB Pad Layout
SOT-363 Nominal Package Dimensions
Pin
Function
Description
3RF IN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
1, 2,
4, 5
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as possi-
ble.
6RF OUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC blocking capacitor is necessary for proper oper-
ation.
Preliminary
SOT-363 PCB Pad Layout
Dimensions in inches [millimeters]
RF
OUT
RF
I N
Notes:
1. Provide a large ground pad area under device
pins 1, 2, 4, & 5 with many plated via holes as
shown.
2. Dimensions given for 50 Ohm RF I/O lines are for
31 mil thick Getek. Scale accordingly for different
board thicknesses and dielectric contants.
3. We recommend 1 or 2 ounce copper. Measure-
ments for this data sheet were made on a 31 mil
thick Getek with 1 ounce copper on both sides.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com