Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF587 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF587
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF587 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF587 Datasheet HTML 1Page - Tyco Electronics MRF587 Datasheet HTML 2Page - Tyco Electronics MRF587 Datasheet HTML 3Page - Tyco Electronics MRF587 Datasheet HTML 4Page - Tyco Electronics MRF587 Datasheet HTML 5Page - Tyco Electronics MRF587 Datasheet HTML 6Page - Tyco Electronics MRF587 Datasheet HTML 7Page - Tyco Electronics MRF587 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Figure 3. GUmax versus Collector Current
Figure 4. Gain–Bandwidth Product versus
Collector Current
50
0
IC, COLLECTOR CURRENT (mA)
6
5
4
3
2
1
100
150
200
50
0
IC, COLLECTOR CURRENT (mA)
20
100
150
200
16
12
8
4
0
f = 500 MHz
VCE = 15 V
VCE = 15 V
f = 1000 MHz
Figure 5. Broadband Noise Figure
Figure 6. Junction Capacitance versus Voltage
Figure 7. 1.0 dB Compression Point versus
Collector Current
Figure 8. Third Order Intercept Point
TYPICAL PERFORMANCE
7
6
5
4
3
2
VCC = 15 V
f = 300 MHz
CIRCUIT PER
FIGURE 16
100
90
80
70
60
50
40
IC, COLLECTOR CURRENT (mA)
110
120
VCB, COLLECTOR BASE VOLTAGE (V)
10
12
7
5
3
2
1
35
7
10
Cob
Ccb
80
76
72
68
64
60
100
90
80
70
60
50
40
IC, COLLECTOR CURRENT (mA)
110
120
VCC = 15 V
f = 200 MHz
CIRCUIT PER
FIGURE 16
31
29
27
25
23
21
19
17
15
13
11
60
80
70
60
50
40
30
20
Pin, INPUT POWER (dBm)
50
40
30
20
10
10
0
3RD ORDER
INTERCEPT
f1 = 205 MHz
f2 = 211 MHz
VCC = 15 V
IC = 90 mA
+1 dB
COMP. PT.
CIRCUIT PER
FIGURE 16
3
REV 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com