Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA5263Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA5263Z
Description  DC to 4500MHz, Silicon Germanium Cascadable Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA5263Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGA5263Z Datasheet HTML 1Page - RF Micro Devices SGA5263Z Datasheet HTML 2Page - RF Micro Devices SGA5263Z Datasheet HTML 3Page - RF Micro Devices SGA5263Z Datasheet HTML 4Page - RF Micro Devices SGA5263Z Datasheet HTML 5Page - RF Micro Devices SGA5263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS121011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA5263Z
Application Schematic
Evaluation Board Layout
Mounting Instructions:
1. Use a large droung pad area near device pins 1, 2, 4, and 5 with plated through-holes as shown.
2. We recommend 1 or 2 ounces copper. Measurements for this data sheet were made on a 31mil thick FR-4 board with 1
ounce copper on both sides.
R bias
Cb2
Lchoke
Cd1
Cd2
Cb1
50 ohm
microstrip
50 ohm
microstrip
Vs
3
1,2
6
4,5
Note: A bias resistor is needed for stability
over temperature.
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
y
l
p
p
u
S
)
s
V
(
e
g
a
t
l
o
V
V
5V
5
.
7V
9V
2
1
)
s
m
h
O
(
s
a
i
b
R7
28
61
90
4
1
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
n
o
i
t
c
n
u
Fz
H
M
0
0
5z
H
M
0
5
8z
H
M
0
5
9
1z
H
M
0
0
4
2
1
b
Cg
n
i
k
c
o
l
B
C
DF
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5
2
b
Cg
n
i
k
c
o
l
B
C
DF
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5
1
d
Cg
n
il
p
u
o
c
e
DF
u
1F
u
1F
u
1F
u
1
2
d
Cg
n
il
p
u
o
c
e
DF
p
0
0
1F
p
8
6F
p
2
2F
p
2
2
e
k
o
h
c
Lg
n
i
k
c
o
l
B
C
AH
n
8
6H
n
3
3H
n
2
2H
n
8
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com