Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA8343Z Datasheet(PDF) 13 Page - RF Micro Devices

Part # SGA8343Z
Description  LOW NOISE, HIGH GAIN SiGe HBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA8343Z Datasheet(HTML) 13 Page - RF Micro Devices

Back Button SGA8343Z Datasheet HTML 5Page - RF Micro Devices SGA8343Z Datasheet HTML 6Page - RF Micro Devices SGA8343Z Datasheet HTML 7Page - RF Micro Devices SGA8343Z Datasheet HTML 8Page - RF Micro Devices SGA8343Z Datasheet HTML 9Page - RF Micro Devices SGA8343Z Datasheet HTML 10Page - RF Micro Devices SGA8343Z Datasheet HTML 11Page - RF Micro Devices SGA8343Z Datasheet HTML 12Page - RF Micro Devices SGA8343Z Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13 of 13
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA8343Z
SGA8343Z-EVB4 1575MHz Application Schematic
Ordering Information
Ordering Code
Description
SGA8343ZSQ
Standard 25 piece bag
SGA8343ZSR
Standard 100 piece reel
SGA8343Z
Standard 1000 piece reel
SGA8343ZPCK1
800MHz to 1000MHz PCBA with 5-piece sample bag
SGA8343ZPCK2
1800MHz to 2000MHz PCBA with 5-piece sample bag
SGA8343ZPCK3
2400MHz to 2500MHz PCBA with 5-piece sample bag
SGA8343ZPCK4
1575MHz PCBA with 5-piece sample bag
SGA8343Z
SGA8343Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com