Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA3944 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFHA3944
Description  65W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3944 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFHA3944 Datasheet HTML 3Page - RF Micro Devices RFHA3944 Datasheet HTML 4Page - RF Micro Devices RFHA3944 Datasheet HTML 5Page - RF Micro Devices RFHA3944 Datasheet HTML 6Page - RF Micro Devices RFHA3944 Datasheet HTML 7Page - RF Micro Devices RFHA3944 Datasheet HTML 8Page - RF Micro Devices RFHA3944 Datasheet HTML 9Page - RF Micro Devices RFHA3944 Datasheet HTML 10Page - RF Micro Devices RFHA3944 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131024
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 11
RFHA3944
2.14GHz Evaluation Board Layout
Device Impedances
Frequency (MHz)
Z Source (Ω)
Z Load (Ω)
2110
1.94 - j0.7
5.7 + j0.8
2140
2.13 - j0.2
5.9 + j1.3
2170
2.3 + j0.4
6 + j2
NOTE: Device impedances reported are the measured evaluation board impedances chosen for a
tradeoff of efficiency, peak power, and linearity performance across the entire frequency bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com