Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW2100D Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW2100D
Description  55W GaN-on-SiC Reflective SPDT RF Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW2100D Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW2100D Datasheet HTML 1Page - RF Micro Devices RFSW2100D Datasheet HTML 2Page - RF Micro Devices RFSW2100D Datasheet HTML 3Page - RF Micro Devices RFSW2100D Datasheet HTML 4Page - RF Micro Devices RFSW2100D Datasheet HTML 5Page - RF Micro Devices RFSW2100D Datasheet HTML 6Page - RF Micro Devices RFSW2100D Datasheet HTML 7Page - RF Micro Devices RFSW2100D Datasheet HTML 8Page - RF Micro Devices RFSW2100D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 11
RFSW2100D
Parameter
Specification
Unit
Condition
Min
Typ
Max
Power Performance - Typical
Frequency Range*
DC
6
GHz
Power performance measured at 2GHz,
VLOW control bias of -40V, controlled Tbase 25°C
P0.1dB
55
W
P0.1dB
47.4
dbm
Linearity - Typical
Second Harmonic (Pf2)
82
dBc
Pin = 30dBm Frequency = 2GHz VC = -40V
Third Harmonic (Pf3)
79
dBc
Pin = 30dBm Frequency = 2GHz VC = -40V
Third Order Intercept
69
dBc
Pin = 30dBm and Tone1 = 1.995GHz Tone2 = 2.005GHz
Small Signal Performance of Packaged Device
– Typical (ON/OFF
port refers to either of RF1/RF2, as dictated by bias at VC1 and
VC2, the truth table for which is shown on page 9).
Insertion Loss (RFC to ON Port)
Isolation (RFC to OFF Port)
Input Return Loss (RFC)
-0.29
-48.1
-31.3
dB
dB
dB
F = 1GHz
F = 1GHz
F = 1GHz
Insertion Loss (RFC to ON Port)
Isolation (RFC to OFF Port)
Input Return Loss (RFC)
-0.35
-38.4
-23.7
dB
dB
dB
F = 2GHz
F = 2GHz
F = 2GHz
Insertion Loss (RFC to ON Port)
Isolation (RFC to OFF Port)
Input Return Loss (RFC)
-0.59
-31.1
-14.7
dB
dB
dB
F = 3GHz
F = 3GHz
F = 3GHz
Insertion Loss (RFC to ON Port)
Isolation (RFC to OFF Port)
Input Return Loss (RFC)
-0.74
-26
-13.6
dB
dB
dB
F = 4GHz
F = 4GHz
F = 4GHz
*Input power handling will reduce < 30MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com