Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW6132 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFSW6132
Description  SP3T Symmetric Switch, 10MHz to 6000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6132 Datasheet(HTML) 5 Page - RF Micro Devices

  RFSW6132 Datasheet HTML 1Page - RF Micro Devices RFSW6132 Datasheet HTML 2Page - RF Micro Devices RFSW6132 Datasheet HTML 3Page - RF Micro Devices RFSW6132 Datasheet HTML 4Page - RF Micro Devices RFSW6132 Datasheet HTML 5Page - RF Micro Devices RFSW6132 Datasheet HTML 6Page - RF Micro Devices RFSW6132 Datasheet HTML 7Page - RF Micro Devices RFSW6132 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131125
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 8
RFSW6132
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFSW6132 Evaluation Board
RFSW6132-410(A)
RFSW6132, SP3T Switch
U1
RFMD
RFSW6132
CAP, 100pF, 5%, 50V, C0G, 0402
C1-C4
Murata Electronics
GRM1555C1H101JD01E
RES, 1K, 5%, 1/6W, 0402
R1-R3
Kamaya, Inc.
RMC1/16S-102JTH
CONN, SMA, END, LAUNCH, 26.5GHz,
0.068
J1-J4
Gigalane
PSF-S01-008
CONN, HDR, ST, PLRZD, 4-
PIN, 0.100”
PDC1
ITW Pancon
MPSS100-4-C
Do Not Place
C5-C7, L1-L4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com