Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW8001 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW8001
Description  Symmetric SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8001 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW8001 Datasheet HTML 1Page - RF Micro Devices RFSW8001 Datasheet HTML 2Page - RF Micro Devices RFSW8001 Datasheet HTML 3Page - RF Micro Devices RFSW8001 Datasheet HTML 4Page - RF Micro Devices RFSW8001 Datasheet HTML 5Page - RF Micro Devices RFSW8001 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140120
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 6
RFSW8001
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF3 – ANT
VDD = 3.6V; CRF3 = 1.2V to 4.8V; T = -40°C to 85°C;
2412MHz to 2484MHz; Unless otherwise noted
Insertion Loss
0.5
dB
T = 25°C
0.5
1
dB
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
RF3 to RF1 Isolation
24
27
dB
Measured ANT – RF1
29
32
dB
Measured RF3 - RF1
RF3 to RF2 Isolation
25
28
dB
Measured ANT – RF2
25
28
dB
Measured RF3 - RF2
General Parameters
All Modes = CRF1 or CRF2 or CRF3; T = -40°C to 85°C;
Unless otherwise noted
Passband Ripple
-0.2
0.2
dB
IP0.1dB; CW
25
dBm
All Modes; VDD = 2.7V; CW
27
dBm
All Modes; VDD
≥ 3.6V; CW
Switch Total Current (IDD)
50
100
uA
All Modes; VDD 2.7-4.8V; Control voltage 1.2 to 4.8V; T = 25°C
Switch Control Current; High State
0.05
0.1
uA
All Modes; Control voltage 1.2 to 4.8V; T = 25°C
Switch Control Current; Low State
0.005
0.01
uA
All Modes; Control voltage
≤ 0.2V; T = 25°C
Switch Time, 50% CTL to 90% RF
180
300
ns
All Modes; Switch Control = 1.2V to 4.8V
Switch Time, 50% CTL to 10% RF
180
300
ns
300MHz to 450MHz Operation
VDD = 3.6V; CRF1 = 1.2V to 4.8V; T = -40°C to 85°C;
Unless otherwise noted
Insertion Loss
0.3
dB
T = 25°C
0.3
0.5
dB
Input Return Loss
24
18
dB
Output Return Loss
24
18
dB
Port to ANT Isolation
43
46
dB
Port to Port Isolation
44
47
dB
Switch Control Logic Table
Mode
CRF1
CRF2
CRF3
Condition
RF1
1
0
0
RF1 to ANT
RF2
0
1
0
RF2 to ANT
RF3
0
0
1
RF3 to ANT
RF2/RF3
0
1
1
RF2/RF3 Coexistence



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com