Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFCA8828 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFCA8828
Description  5V or 6V Single Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFCA8828 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFCA8828 Datasheet HTML 5Page - RF Micro Devices RFCA8828 Datasheet HTML 6Page - RF Micro Devices RFCA8828 Datasheet HTML 7Page - RF Micro Devices RFCA8828 Datasheet HTML 8Page - RF Micro Devices RFCA8828 Datasheet HTML 9Page - RF Micro Devices RFCA8828 Datasheet HTML 10Page - RF Micro Devices RFCA8828 Datasheet HTML 11Page - RF Micro Devices RFCA8828 Datasheet HTML 12Page - RF Micro Devices RFCA8828 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 16
RFCA8828
Typical Performance: VDD = 5V, IDD = 293mA, Temp = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com