Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC4563Z Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGC4563Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4563Z Datasheet(HTML) 5 Page - RF Micro Devices

  SGC4563Z Datasheet HTML 1Page - RF Micro Devices SGC4563Z Datasheet HTML 2Page - RF Micro Devices SGC4563Z Datasheet HTML 3Page - RF Micro Devices SGC4563Z Datasheet HTML 4Page - RF Micro Devices SGC4563Z Datasheet HTML 5Page - RF Micro Devices SGC4563Z Datasheet HTML 6Page - RF Micro Devices SGC4563Z Datasheet HTML 7Page - RF Micro Devices SGC4563Z Datasheet HTML 8Page - RF Micro Devices SGC4563Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
DS140527
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4563Z
Typical Performance with 0.5GHz to 1GHz Application Circuit, VD=3V, ID=48mA
Typical Performance with 1.7GHz to 2.2GHz Application Circuit, VD=3V, ID=48mA
S12 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.00.2
0.40.6
0.81.0
1.2
Frequency (GHz)
-40°C
25°C
85°C
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.00.2
0.40.6
0.81.0
1.2
Frequency (GHz)
-40°C
25°C
85°C
Noise Figure versus Frequency
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
25°C
85°C
OIP3 versus Frequency
(0dBm/tone, 1MHz spacing)
24
26
28
30
32
34
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C
POUT vs PIN @ 2140MHz
1
3
5
7
9
11
13
15
17
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
Power In (dBm)
40
45
50
55
60
65
70
75
80
Pout_25°C
Pout_-40°C
Pout_85°C
Bias_25°C
Bias_-40°C
Bias_85°C
P1dB versus Frequency
10
12
14
16
18
20
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Frequency (GHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com