Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFXF0010 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFXF0010
Description  45MHz to 1200MHz Operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFXF0010 Datasheet(HTML) 1 Page - RF Micro Devices

  RFXF0010 Datasheet HTML 1Page - RF Micro Devices RFXF0010 Datasheet HTML 2Page - RF Micro Devices RFXF0010 Datasheet HTML 3Page - RF Micro Devices RFXF0010 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140228
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 4
RFXF0010
1:1 SMT Transformer
45MHz to 1200MHz
The RFXF0010 transformer is designed for applications that
require small, low cost and highly reliable surface mount
components. Applications may be found in broadband, wireless
and other communications systems. These units are built lead-
free and RoHS compliant. S-Parameters are available on request.
Functional Block Diagram
Ordering Information
RFXF0010SB
Sample bag with 5 pieces
RFXF0010SQ
Sample bag with 25 pieces
RFXF0010SR
13" Sample reel with 100 pieces
RFXF0010TR13
13" Reel with 1000 pieces
Package: SP5
Features
45MHz to 1200MHz Operation
Low Cost and RoHS Compliant
Industry Standard SMT Package
Available in Tape-and-Reel
75
Ω Characteristic Impedance
Tertiary Balance Winding
Applications
Broadband/CATV
Wireless
RFXF0010


Similar Part No. - RFXF0010

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010SB QORVO-RFXF0010SB Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010SQ QORVO-RFXF0010SQ Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010SR QORVO-RFXF0010SR Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0010TR13 QORVO-RFXF0010TR13 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF0010

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPP2590 RFMD-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
45MHz to 1200MHz Operation
RFXF0007 RFMD-RFXF0007 Datasheet
303Kb / 4P
45MHz to 1200MHz Operation
RFXF0008 RFMD-RFXF0008 Datasheet
353Kb / 4P
45MHz to 1200MHz Operation
RFXF0009 RFMD-RFXF0009 Datasheet
296Kb / 4P
45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFPP2590 QORVO-RFPP2590 Datasheet
268Kb / 3P
GaAs Push Pull Hybrid 45MHz to 1200MHz
RFXF0010 QORVO-RFXF0010 Datasheet
335Kb / 4P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0009H QORVO-RFXF0009H Datasheet
581Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
1:1 SMT Transformer 45MHz to 1200MHz
RFOS601X QORVO-RFOS601X Datasheet
351Kb / 4P
GaAs Optical Receiver 45MHz to 1200MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com