Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLBTE3014 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLBTE3014
Description  Ultra thin 0.52mm SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBTE3014 Datasheet(HTML) 2 Page - P-tec Corporation

  PLBTE3014 Datasheet HTML 1Page - P-tec Corporation PLBTE3014 Datasheet HTML 2Page - P-tec Corporation PLBTE3014 Datasheet HTML 3Page - P-tec Corporation PLBTE3014 Datasheet HTML 4Page - P-tec Corporation PLBTE3014 Datasheet HTML 5Page - P-tec Corporation PLBTE3014 Datasheet HTML 6Page - P-tec Corporation PLBTE3014 Datasheet HTML 7Page - P-tec Corporation PLBTE3014 Datasheet HTML 8Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
www.p-tec.net
010714 Rev1 JAS
Page 2 of 8
Device Selection Guide
Model Number
Chip
Material
Emitting Color
PLBTE3014-YDCW
InGaN
Cool White
PLBTE3014-YDNW
Natural White
PLBTE3014-YDWW
Warm White
Notes:
1. PLBTE3014-YDCW – 6530K ± 510K / 22~24lm / CRI>70
2. PLBTE3014-YDNW – 3985K ± 200K / 22~24lm / CRI>70
3. PLBTE3014-YDWW – 3045K ± 175K / 22~24lm / CRI>70
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
270
mW
Continuous Forward Current
IF
90
mA
Pulse Forward Current
IFP
120
mA
Reverse Voltage
Vr
5
V
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-40~+85
°C
Junction Temperature
Tj
110
°C
Solder Temperature
Ts
260 for 10sec
°C
Electrical and Optical Characteristics at Ta=25°C
Notes:
1.(LM) ±10%Luminous Flux (LM)10%
2.VF ±0.1 Forward Voltage(VF)±0.1V
3.(X,Y)±0.01 Wavelength(X,Y)±0.01 (CCT±5%)
4.(CRI)±0.2 Color Rendering Index(CRI)±2
5.(2θ1/2)±5 Viewing angle(2θ1/2)±5
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward Voltage
VF
2.8
3.2
3.4
V
IF=60mA
Luminous Flux
Φv
20
22
22
Lm
IF=60mA
Color Rendering Index
CRI
70
--
--
nm
IF=60mA
Reverse Current
IR
--
--
10
μA
VR=5V
Color Temperature
CCT
2870
3045/3985/6530
7040
°K
IF=60mA
Viewing Angle
2θ1/2
--
120°
--
Deg
IF=60mA
Thermal Resistance
Rθjs
45
°C/W
IF=60mA
Antistatic ability
ESD
HBM
-4000V
MM
-3000V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com