Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30802SGP Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M30802SGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30802SGP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M30802SGP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30802SGP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 315 page
background image
Under
development
Preliminary Specifications REV.B
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M16C/80 (144-pin version) group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Settings
28
Bus Settings
The BYTE pin, bit 0 to 3 of the external data bus width control register (address 000B16), bits 4 and 5 of the
processor mode register 0 (address 000416) and bit 0 and 1 of the processor mode register 1 (address
000516) are used to change the bus settings.
Table 1.7.1 shows the factors used to change the bus settings, figure 1.7.1 shows external data bus width
control register and table 1.7.2 shows external area 0 to 3 and external area mode.
Bus setting
Switching factor
Switching external address bus width
External data bus width control register
Switching external data bus width
BYTE pin (external area 3 only)
Switching between separate and multiplex bus
Bits 4 and 5 of processor mode register 0
(1) Selecting external address bus width
You can select the width of the address bus output externally from the 16 Mbytes address space, the
number of chip select signals, and the address area of the chip select signals. (Note, however, that when
____
you select “Full CS space multiplex bus”, addresses A0 to A15 are output.) The combination of bits 0 and
1 of the processor mode register 1 allow you to set the external area mode.
When using DRAM controller, the DRAM area is output by multiplexing of the time splitting of the row and
column addresses.
(2) Selecting external data bus width
You can select 8-bit or 16-bit for the width of the external data bus for external areas 0, 1, 2, and 3. When
the data bus width bit of the external data bus width control register is “0”, the data bus width is 8 bits;
when “1”, it is 16 bits. The width can be set for each of the external areas. The default bus width for
external area 3 is 16 bits when the BYTE pin is “L” after a reset, or 8 bits when the BYTE pin is “H” after
a reset. The bus width selection is valid only for the external bus (the internal bus width is always 16 bits).
During operation, fix the level of the BYTE pin to “H” or “L”.
(3) Selecting separate/multiplex bus
The bus format can be set to multiplex or separate bus using bits 4 and 5 of the processor mode register 0.
• Separate bus
In this bus configuration, input and output is performed on separate data and address buses. The data
bus width can be set to 8 bits or 16 bits using the external data bus width control register. For all
programmable external areas, P0 is the data bus when the external data bus is set to 8 bits, and P1 is
a programmable IO port. When the external data bus width is set to 16 bits for any of the external
areas, P0 and P1 (although P1 is undefined for any 8-bit bus areas) are the data bus.
When accessing memory using the separate bus configuration, you can select a software wait using
the wait control register.
• Multiplex bus
In this bus configuration, data and addresses are input and output on a time-sharing basis. For areas
for which 8-bit has been selected using the external data bus width control register, the 8 bits D0 to D7
are multiplexed with the 8 bits A0 to A7. For areas for which 16-bit has been selected using the
external data bus width control register, the 16 bits D0 to D15 are multiplexed with the 16 bits A0 to
A15. When accessing memory using the multiplex bus configuration, two waits are inserted regard-
less of whether you select “No wait” or “1 wait’ in the appropriate bit of the wait control register.
Table 1.7.1. Factors for switching bus settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com