Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCL Datasheet(PDF) 1 Page - Littelfuse

Part # CCL
Description  CBO, CCK, CCL SERIES LIFT TRUCK FUSES 32-125 Vdc ??1-300 A ??Fast Acting & Time Delay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CCL Datasheet(HTML) 1 Page - Littelfuse

  CCL Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Fuse Datasheet
© 2015 Littelfuse POWR-GARD® Products
Rev: 022715
littelfuse.com
1 of 1
Specifications
Voltage Ratings:
CBO: 32 Volts DC
CCK: 125 Volts DC (1-300A)
CCL: 125 Volts DC
Ampere Range:
1 – 300 amperes
Interrupting Rating:
10,000 A
For operating characteristics contact factory
Ordering Information
CBO, CCK, CCL SERIES LIFT TRUCK FUSES
32-125 Vdc • 1-300 A • Fast Acting & Time Delay
Description
CBO fast acting, and CCK and CCL dual-element time-delay fuses
are recommended for fork lift trucks and other similar battery
operated equipment.
Applications
Lift trucks, scissor lifts, pallet movers, and other low
voltage battery operated equipment used to move
hazardous materials.
Dimensions (inches)
PART NO.
A
B
C
CCK 1-30A
3.070
2.500
0.56
CCK 35-60A
3.740
3.000
0.81
CCK 70-100A
4.460
3.500
1.06
CCK 120-200A
4.720
3.750
1.06
CCK 225-300A
4.710
3.750
1.06
CCL 30-60A
3.07
2.5
0.56
CCL 80-120A
3.49
2.75
0.81
3.18"
0.343"
2.43"
0.812"
1.00"
1.625"
A
B
C
CCK/CCL
CBO
AMPERE RATINGS
CCK TIME-DELAY (125 Vdc)
1
20
40
75
140
200
2
25
50
80
150
225
10
30
60
100
160
250
15
35
70
120
175
300
AMPERE RATINGS
CCL TIME-DELAY (125 Vdc)
30
40
60
100
—
35
50
80
120
—
AMPERE RATINGS
CBO FAST ACTING (32 Vdc)
10
25
20
80
—
12
30
60
100
—
15
35
70
125
—
20
40
75
150
—
SERIES
TYPE
VOLT
DC
AMP CATALOG
NUMBER
ORDERING
NUMBER
CBO
FAST ACTING
32
10
CBO010
0CBO010.V
CCK
TIME-DELAY
125
120
CCK120
0CCK120.V
CCL
TIME-DELAY
125
120
CCL120
0CCL120.V


Similar Part No. - CCL

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
CCL-CRS10A-G LUMEX-CCL-CRS10A-G Datasheet
180Kb / 2P
3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10G LUMEX-CCL-CRS10G Datasheet
179Kb / 2P
Ceramic Surface Mount Led
CCL-CRS10H LUMEX-CCL-CRS10H Datasheet
177Kb / 2P
3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10R LUMEX-CCL-CRS10R Datasheet
179Kb / 2P
3.0mm X 2.5mm Ceramic Surface Mount
CCL-CRS10R-G LUMEX-CCL-CRS10R-G Datasheet
186Kb / 2P
3.0mm X 2.5mm Ceramic Surface Mount
More results

Similar Description - CCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCK1-15A LITTELFUSE-CCK1-15A_05 Datasheet
154Kb / 1P
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
(TDC10) fast-acting (TDC11) time delay glass tube fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK_V01 Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
August 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com