Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4488 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4488
Description  Bipolar Transistor Adoption of FBET, MBIT processes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4488 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4488 Datasheet HTML 1Page - ON Semiconductor 2SC4488 Datasheet HTML 2Page - ON Semiconductor 2SC4488 Datasheet HTML 3Page - ON Semiconductor 2SC4488 Datasheet HTML 4Page - ON Semiconductor 2SC4488 Datasheet HTML 5Page - ON Semiconductor 2SC4488 Datasheet HTML 6Page - ON Semiconductor 2SC4488 Datasheet HTML 7Page - ON Semiconductor 2SC4488 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA1708 / 2SC4488
No.3094-3/8
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V ITR04323
2SC4488
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--1
--2
--4
--5
--3
ITR04322
2SA1708
IB=0mA
--1mA
--2mA
--15mA
--10mA
--5mA
--3mA
--20mA
--25mA
--30mA
IB=0mA
1mA
3mA
2mA
5mA
20mA
15mA
10mA
25mA
30mA
1.0
0.8
0.6
0.4
0.2
0
012
4
5
3
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Ta=75°C
25
°C
--25°C
2SC4488
VCE=5V
ITR04329
100
10
--0.01
1000
7
5
3
2
7
5
3
2
23
5
7
--0.1
72
3
5
7 --1.0
23
2SA1708
VCE= --5V
ITR04328
Ta=75
°C
--25
°C
25
°C
2SC4488
VCE=5V
ITR04327
2SA1708
VCE= --5V
--1.2
--0.6
--0.8
--1.0
--0.2
--0.4
0
0--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR04326
01.2
1.0
0.8
0.6
0.4
0.2
1.2
0.6
0.8
1.0
0.2
0.4
0
100
10
0.01
1000
7
5
3
2
7
5
3
2
23
5
7
0.1
72
3
5
7 1.0
23
ITR04325
2SC4488
ITR04324
2SA1708
IB=0mA
--0.5mA
--1.0mA
--1.5mA
--2.0mA
--2.5mA
IB=0mA
0.5mA
1.0mA
1.5mA
2.0mA
--500
--400
--300
--200
--100
0
0
--10
--20
--40
--50
--30
500
400
300
200
100
0
0
1020
4050
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com