Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7606PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7606PBF
Description  Generation V Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7606PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7606PBF Datasheet HTML 1Page - International Rectifier IRF7606PBF Datasheet HTML 2Page - International Rectifier IRF7606PBF Datasheet HTML 3Page - International Rectifier IRF7606PBF Datasheet HTML 4Page - International Rectifier IRF7606PBF Datasheet HTML 5Page - International Rectifier IRF7606PBF Datasheet HTML 6Page - International Rectifier IRF7606PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
5/13/04
IRF7606PbF
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
70
°C/W
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The new Micro8 package, with half the footprint area
of the standard SO-8, provides the smallest footprint
available in an SOIC outline. This makes the Micro8
an ideal device for applications where printed circuit
board space is at a premium. The low profile (<1.1mm)
of the Micro8 will allow it to fit easily into extremely thin
application environments such as portable electronics
and PCMCIA cards.
Micro8
All Micro8 Data Sheets reflect improved Thermal Resistance, Power and Current -Handling Ratings- effective
only for product marked with Date Code 505 or later .
l Generation V Technology
l Ultra Low On-Resistance
l P-Channel MOSFET
l Very Small SOIC Package
l Low Profile (<1.1mm)
l Available in Tape & Reel
l Fast Switching
l Lead-Free
VDSS = -30V
RDS(on) = 0.09Ω
Description
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
Parameter
Max.
Units
VDS
Drain-Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-2.9
A
IDM
Pulsed Drain Current

-29
PD @TA = 25°C
Maximum Power Dissipation
„
1.8
W
PD @TA = 70°C
Maximum Power Dissipation
„
1.1
W
Linear Derating Factor
14
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µS
30
V
dv/dt
Peak Diode Recovery dv/dt
‚
-5.0
V/ns
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Soldering Temperature, for 10 seconds
240 (1.6mm from case)
PD - 95245


Similar Part No. - IRF7606PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7606PBF IRF-IRF7606PBF Datasheet
183Kb / 7P
HEXFET Power MOSFET
More results

Similar Description - IRF7606PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
GENERATION V TECHNOLOGY
IRLMS5703PBF IRF-IRLMS5703PBF_15 Datasheet
212Kb / 8P
GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com