Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7811AVPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF7811AVPBF
Description  N-Channel Application-Specific MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7811AVPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7811AVPBF Datasheet HTML 1Page - International Rectifier IRF7811AVPBF Datasheet HTML 2Page - International Rectifier IRF7811AVPBF Datasheet HTML 3Page - International Rectifier IRF7811AVPBF Datasheet HTML 4Page - International Rectifier IRF7811AVPBF Datasheet HTML 5Page - International Rectifier IRF7811AVPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.irf.com
5
IRF7811AVPbF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
SO-8 Part Marking
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
0°
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
8°
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
0°
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHE S
MIN
MAX
DIM
8°
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 BAS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
F OOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA.
NOT ES :
1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010].
7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO
A S UBST RAT E.
MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
DAT E CODE (YWW)
XXXX
INT ERNAT IONAL
RECT IF IER
LOGO
F 7101
Y = LAS T DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: T HIS IS AN IRF7101 (MOSF ET )
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)
A = ASSEMBLY SITE CODE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com