Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-229 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-229
Description  Connectorized SPDT GaAs Switch, DC - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-229 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-229 Datasheet HTML 1Page - Tyco Electronics SW-229 Datasheet HTML 2Page - Tyco Electronics SW-229 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connectorized SPDT GaAs Switch, DC - 2 GHz
SW-229
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
2
Typical Performance Curves
Isolation
20
30
40
50
60
70
80
0
500
1000
1500
2000
Frequency (MHz)
Insertion Loss
0.0
0.5
1.0
1.5
2.0
0
500
1000
1500
2000
Frequency (MHz)
+25°C
+85°C
-55°C
Electrical Specifications
1: T
A = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
dB
dB
dB
1.5
1.2
0.9
VSWR
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
Ratio
Ratio
Ratio
2.0:1
1.5:1
1.2:1
Isolation
DC - 2 GHz
DC - 1 GHz
DC - 0.5 GHz
dB
dB
dB
25
35
40
Switching Speed
Trise
DC - 2 GHz
nS
20
Tfall
DC - 2 GHz
nS
45
Ton (50% CTL to 90% RF)
DC - 2 GHz
nS
150
Toff (50% CTL to 10% RF)
DC - 2 GHz
nS
175
1 dB Compression
Input Power
0.5 - 2 GHz
0.05 GHz
dBm
dBm
27
21
IP2
+13 dBm Input Power
0.5 - 2 GHz
0.05 GHz
dBm
dBm
68
62
IP3
+13 dBm Input Power
0.5 - 2 GHz
0.05 GHz
dBm
dBm
46
40
Bias Current
+5 VDC
-5 VDC
mA
mA
1
1
Transients (In-Band)
DC - 2 GHz
mV
25
1. All specifications apply with 50 Ohm impedance to all RF ports with TTL control voltages.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com