Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-314 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-314
Description  GaAs SP4T Absorptive Switch, DC - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-314 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-314 Datasheet HTML 1Page - Tyco Electronics SW-314 Datasheet HTML 2Page - Tyco Electronics SW-314 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
2
Functional Schematic
Absolute Maximum Ratings
3,4
3. Operation of this device above any one of these parameters
may cause permanent damage.
4. When the input power is applied to the terminated port, the
absolute maximum is +30 dBm.
5. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 3.0 GHz
4
+27 dBm
+34 dBm
Bias Voltages
Vcc
Vee
-0.5 to +5.5V
-8.5V to +0.5V
Control Voltage
5
-0.5V, to Vcc +0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
IP3
2
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+35
+46
IP2
Two-Tone Input Power up to +5 dBm
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+45
+60
Vcc
V
4.5
5.0
5.5
Vee
V
-8.0
-5.0
Icc
Vcc = 4.5 to 5.5 V
Vctl = 0 to 0.8V, or Vcc –2.1V to Vcc
mA
0.2
4.0
Iee
Vee = -5.0V to -8.0V
mA
0.1
1.0
Vctl
Vctl
Logic 0 (TTL)
Logic 1 (TTL)
V
V
0.0
2.0
0.8
5.0
Input Leakage
Current (Low)
0 to 0.8V
µA
1.0
Input Leakage
Current (High)
2.0 to 5.0V
µA
1.0
Electrical Specifications (From –55°C to +85°C)
Truth Table
TTL Control Inputs
Condition of Switch
C1
C2
C3
C4
RF1
RF2
RF3
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
RF Common to Each RF Port
0 = TTL Low
1 = TTL High
PIN 13 C3
C4
GND
GND
GND
RF3
GND
GND
C1
Vcc
Vee
GND
RF2
GND
C2 PIN 12
GND
RF1
GND
GND
RFC PIN 1
RF4
GND
GND
PIN 24 GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com