Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-437 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-437
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-437 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-437 Datasheet HTML 1Page - Tyco Electronics SW-437 Datasheet HTML 2Page - Tyco Electronics SW-437 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPD Switch, DC - 3.0 GHz
SW-437
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
GaAs SPDT Switch
DC - 3.0 GHz
SW-437
Features
Low Cost Plastic SOT-363 Package
Low Insertion Loss <0.3dB @ 900 MHz
Low Power Consumption <15µA @ +2.7V
Positive or Negative 2.5 to 8 V Control
Description
M/A-COM’s SW-437 is a GaAs monolithic switch in a low cost
SOT-363 surface mount plastic package. The SW-437 is ideally
suited for applications where very low power consumption, low
insertion loss, very small size and low cost are required. Typical
application is in dual band systems where switching between
small signal components is required such as filter banks, single
band LNA's, converters etc. The SW-437 can be used in applica-
tions up to 0.25 Watts in systems such as cellular, PCS,
DCS1800, GSM, CDMA, W-CDMA and other analog/digital
wireless communications systems.
The SW-437 is fabricated using a mature 0.8 micron GaAs
MESFET process. The process features full passivation for
increased performance and reliability.
SOT-363 Plastic Package
1
Electrical Specifications T
A = 25°C
Ordering Information
Part Number
Package
SW-437 PIN
SOT-363 Plastic Package
SW-437TR
Forward Tape and Reel
1
SW-437RTR
Reverse Tape and Reel
1
SW-437SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
dB
0.3
0.4
1- 2 GHz
dB
0.4
0.5
2 - 3 GHz
dB
0.55
0.7
Isolation
DC - 1 GHz
dB
19
21
1 - 2 GHz
dB
13
15
2 - 3 GHz
dB
10
12
VSWR
DC - 3 GHz
1.2:1
1.3:1
P
1dB (2.7V supply)
500 MHz - 3 GHz
dBm
24
P
1dB (5V supply)
500 MHz - 3 GHz
dBm
27
Input IP
2
2-Tone 900 MHz, 5 MHz spacing (2.7 V)
dBm
81
Input IP
3
2-Tone 900 MHz, 5 MHz spacing (2.7 V)
dBm
55
T
rise, Tfall
T
on, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, Control to 10% RF
In-Band
ns
ns
mV
10
20
10
Gate Leakage
V
CTL = 2.5 V
µA
4
15
1. All dimensions are JEDEC MO-203-AB Issue A and are shown
as in/mm.
.0059 (0.15) C
2X
.0079 (0.20) C
2X
.0059 (0.15) C
2X
.0039 (0.10) C
2X
.0492
1,25
.0256
0,65
.0512
1,3
.0787
2
.0827
2,1
PIN 6
-D-
.0098
.0031
0,25
0,08
.0142
± .0039
0,30
± 0,1
.0165
0,42
REF
10
°
4
°
8
°
0
°
10
°
4
°
.0118
.0059
0,30
0,15
-A-
.0039 (0.10)
M
C
A
−B D
−B −
PIN 1
+.0038
-.0079
+0,10
-0,20
.0354
0,90
.0433
1,10
MAX
-C-
.0039
.0000
0,10
0,00
##X


Similar Part No. - SW-437

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-437 MA-COM-SW-437 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437 MA-COM-SW-437 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW-437SMB MA-COM-SW-437SMB Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437TR-3000 MA-COM-SW-437TR-3000 Datasheet
79Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - SW-437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com