Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-437TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-437TR
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-437TR Datasheet(HTML) 3 Page - Tyco Electronics

  SW-437TR Datasheet HTML 1Page - Tyco Electronics SW-437TR Datasheet HTML 2Page - Tyco Electronics SW-437TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GaAs SPD Switch, DC - 3.0 GHz
SW-437
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+81 44 844 8296, Fax +81 44 844 8298
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
25°C
-40°C
+85°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
-40°C
25°C
+85°C
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.45
1.5
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
NEGATIVE CONTROL
POSITIVE CONTROL
10
15
20
25
30
35
40
00.511.5
22.5
3
FREQUENCY (GHz)
Typical Performance Curves
Isolation vs. Frequency over Temperature
VSWR vs. Frequency
Insertion Loss vs. Frequency over
Temperature (Postive Control)
Insertion Loss vs. Frequency over
Temperature (Negative Control)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com