Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFU550W Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFU550W
Description  NPN wideband silicon RF transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU550W Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFU550W_15 Datasheet HTML 3Page - NXP Semiconductors BFU550W_15 Datasheet HTML 4Page - NXP Semiconductors BFU550W_15 Datasheet HTML 5Page - NXP Semiconductors BFU550W_15 Datasheet HTML 6Page - NXP Semiconductors BFU550W_15 Datasheet HTML 7Page - NXP Semiconductors BFU550W_15 Datasheet HTML 8Page - NXP Semiconductors BFU550W_15 Datasheet HTML 9Page - NXP Semiconductors BFU550W_15 Datasheet HTML 10Page - NXP Semiconductors BFU550W_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
BFU550W
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 13 January 2014
7 of 22
NXP Semiconductors
BFU550W
NPN wideband silicon RF transistor
9.1 Graphs
Tamb =25 C.
(1) IB =25 A
(2) IB =75 A
(3) IB = 125 A
(4) IB = 175 A
(5) IB = 225 A
(6) IB = 275 A
(7) IB = 325 A
Fig 2.
Collector current as a function of collector-emitter voltage; typical values
Tamb =25 C.
(1) VCE =3.0 V
(2) VCE =8.0 V
VCE =8V.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +125 C
Fig 3.
DC current gain as function of collector
current; typical values
Fig 4.
DC current gain as function of collector
current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com