Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW90-0004 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW90-0004
Description  GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004 Datasheet(HTML) 3 Page - Tyco Electronics

  SW90-0004 Datasheet HTML 1Page - Tyco Electronics SW90-0004 Datasheet HTML 2Page - Tyco Electronics SW90-0004 Datasheet HTML 3Page - Tyco Electronics SW90-0004 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0004
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
Typical Performance Curves
Isolation (dB) vs. Frequency
Insertion Loss vs. Frequency
On VSWR vs. Frequency
3
VSWR (Terminations) vs. Frequency
Control Inputs
Condition of Switch
"0" is TTL Low, "1" is TTL High
C1
C2
C3
C4
C5
C6
RF1
RF2
RF3
RF4
RF5
RF6
1
0
0
0
0
0
On
Off
Off
Off
Off
Off
0
1
0
0
0
0
Off
On
Off
Off
Off
Off
0
0
1
0
0
0
Off
Off
On
Off
Off
Off
0
0
0
1
0
0
Off
Off
Off
On
Off
Off
0
0
0
0
1
0
Off
Off
Off
Off
On
Off
0
0
0
0
0
1
Off
Off
Off
Off
Off
On
RF Common to Each RF Port
Truth Table
0
15
30
45
60
75
90
0
1000
2000
3000
4000
Frequency (MHz)
RFn-RFm, RFC-RFn
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
2000
3000
4000
Frequency (MHz)
+85°C
- 40°C
+25°C
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
Frequency (MHz)
RFOUT
RFC
1.00
1.20
1.40
1.60
1.80
2.00
0
1000
2000
3000
4000
Frequency (MHz)
RFOUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com