Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1256L70SNCLF Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P3C1256L70SNCLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L70SNCLF Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P3C1256L70SNCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P3C1256L70SNCLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 10
Document # SRAM143 REV A
Pkg #
T1
# Pins
28
Symbol
Min
Max
A
0.039
0.047
A
2
0.036
0.040
b
0.007
0.011
D
0.461
0.469
E
0.311
0.319
e
0.022 BSC
H
D
0.520
0.535
TSOP THIn SMALL OUTLInE PACkAgE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com