Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C164LL-100CWCLF Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-100CWCLF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-100CWCLF Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C164LL-100CWCLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164LL-100CWCLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 8
Document # SRAM116 REV 04
PLASTIC DUAL In-LInE PACkAgE (300 mil)
Pkg #
P5
# Pins
28 (300 mil)
Symbol
Min
Max
A
-
0.210
A1
-
b
0.014
0.023
b2
0.045
0.070
C
0.008
0.014
D
1.345
1.400
E1
0.270
0.300
E
0.300
0.380
e
0.100 BSC
eB
-
0.430
L
0.115
0.150
0°
15°
α
α
PLASTIC DUAL In-LInE PACkAgE (600 mil)
Pkg #
P6
# Pins
28 (600 mil)
Symbol
Min
Max
A
0.090
0.200
A1
0.000
0.070
b
0.014
0.020
b2
0.015
0.065
C
0.008
0.012
D
1.380
1.480
E1
0.485
0.550
E
0.600
0.625
e
0.100 BSC
eB
0.600 TYP
L
0.100
0.200
0°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com