Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYA28C16B Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # PYA28C16B
Description  Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C16B Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  PYA28C16B Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C16B Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PYA28C16B - 2K x 8 EEPROM
Page 5
Document # EEPROM109 REV OR
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Symbol
Parameter
150 / 200 / 250 / 350
Unit
Min
Max
t
ELRH
t
WLRH
Write Cycle Time
10
ms
t
AVEL
t
AVWL
Address Setup Time
10
ns
t
ELAX
t
WLAX
Address Hold Time
50
ns
t
WLEL
Write Setup Time
0
ns
t
WHEH
Write Hold Time
0
ns
t
OHEL
t
OHWL
OE Setup Time
10
ns
t
WHOL
t
EHOL2
OE Hold Time
10
ns
t
ELEH
t
WLWH
WE Pulse Width
100
1000
ns
t
DVEH
t
DVWH
Data Setup Time
50
ns
t
EHDX
t
WHDX
Data Hold Time
10
ns
t
ELWL
CE Setup Time
0
ns
t
EHWH
CE Hold Time
0
ns
t
EHRL
t
WHRL
Time to device busy
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com