Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYA28C256 Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # PYA28C256
Description  Access Times of 150, 200, 250 and 350ns Software Data Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C256 Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button PYA28C256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 12Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 13Page - Pyramid Semiconductor Corporation PYA28C256 Datasheet HTML 14Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PYA28C256 - 32K x 8 EEPROM
Page 10
Document # EEPROM104 REV 03
AC TEST COnDITIOnS
TRUTH TABLE
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
10ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figure 1
Mode
CE
OE
WE
I/O
Read
L
L
H
D
OUT
Write
L
H
L
D
IN
Write Inhibit
x
L
x
—
Write Inhibit
x
x
H
—
Standby
H
x
x
High Z
Output Disable
x
H
x
High Z
Figure 1. Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com