Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYA28HC256 Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # PYA28HC256
Description  Access Times of 70, 90 and 120ns Software Data Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28HC256 Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  PYA28HC256 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28HC256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PYA28HC256 - HIGH SPEED 32K x 8 EEPROM
Page 3
Document # EEPROM106 REV 03
three write commands; three specific bytes of data are
written to the three specific addresses (refer to "Software
Data Protection" algorithm). After writing the 3-byte com-
mand sequence and after tWC the entire PYA28C256
will be protected against inadvertent write operations. It
should be noted, that once protected the host may still
perform a byte or page write to the PYA28C256. This
is done by preceding the data to be written by the same
3-byte command sequence used to enable SDP.
Once set, SDP will remain active unless the disable com-
mand sequence is issued. Power transitions do not dis-
able SDP and SDP will protect the PYA28C256 during
power-up and power-down conditions. All command se-
quences must conform to the page write timing specifi-
cations. The data in the enable and disable command
sequences is not written to the device and the memory
addresses used in the sequence may be written with data
in either a byte or page write operation.
After setting SDP, any attempt to write to the device with-
out the 3-byte command sequence will start the internal
write timers. No data will be written to the device; howev-
er, for the duration of tWC, read operations will effectively
be polling operations.
DEVICE IDEnTIFICATIOn
An extra 64 bytes of EEPROM memory are available to
the user for device identification. By raising A9 to 12V
± 0.5V and using address locations 7FC0H to 7FFFH
the additional bytes may be written to or read from in the
same manner as the regular memory array.
OPTIOnAL CHIP ERASE MODE
The entire device can be erased using a 6-byte software
code. Please see "Software Chip Erase" application note
at the end of this datasheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com