Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PYX28HC64 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PYX28HC64
Description  Access Times of 70, 90, and 120ns Software Data Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYX28HC64 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PYX28HC64 Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYX28HC64 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document # EEPROM107 REV OR
Revised August 2011
PYX28HC64
8K x 8 EEPROM
FEATURES
Access Times of 70, 90, and 120ns
Single 5V±10% Power Supply
Simple Byte and Page Write
Low Power CMOS:
- 40 mA Active Current
- 200 µA Standby Current
Fast Write Cycle Times
Software Data Protection
Fully TTL Compatible Inputs and Outputs
Endurance: 100,000 Cycles
Data Retention: 100 Years
Available in the following packages:
– 32-Pin Ceramic LCC (450 x 550 mils)
– 28-Pin 600 mil Ceramic DIP
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOnS
LCC (L6)
DIP (C5-1)
DESCRIPTIOn
The PYX28HC64 is a 5 Volt 8Kx8 EEPROM using floating
gate CMOS Technology. The device supports 64-byte
page write operation. The PYX28HC64 features DATA
andToggle Bit Polling as well as a system software scheme
used to indicate early completion of a Write Cycle. The
devicealsoincludesuser-optionalsoftwaredataprotection.
Endurance is 100,000 Cycles and Data Retention is 100
Years. The device is available in a 32-Pin LCC package
as well as a 28-Pin 600 mil wide Ceramic DIP.


Similar Part No. - PYX28HC64

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
8K x 8 EEPROM
PYX28C64-20CWM PYRAMID-PYX28C64-20CWM Datasheet
147Kb / 11P
8K x 8 EEPROM
PYX28C64-20CWMB PYRAMID-PYX28C64-20CWMB Datasheet
147Kb / 11P
8K x 8 EEPROM
PYX28C64-20L32M PYRAMID-PYX28C64-20L32M Datasheet
147Kb / 11P
8K x 8 EEPROM
PYX28C64-20L32MB PYRAMID-PYX28C64-20L32MB Datasheet
147Kb / 11P
8K x 8 EEPROM
More results

Similar Description - PYX28HC64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
Hardware and Software Data Protection
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
Access Times of 70, 90 and 120ns Software Data Protection
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
High-speed access and chip select times
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
Software Data protection Algorithm
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
Software data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com