Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6157 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6157
Description  SPDT Electromechanical Relay Switch DC to 12.4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6157 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6157 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6157 is Single Pole Double Throw Switch that operates from DC to 12.4 GHz. The switch has a Latching actuator
and an indicator and 1M life cycles. The switch has an operating voltage of +28 Volts and has TTL control.
Features
• SPDT Switch
• DC to 12.4 GHz Operating Frequency Range
• 1 M Cycles min
• Latching Switch
• Indicator
• TTL Contol
Applications
• Test & Measurement
• Communications System
• Instrumentation
Electrical Specifications
Frequency Range
DC to 12.4 GHz
Impedance
50 Ohms
Actuator
Indicators, Latching, TTL Logic
Actuating Current
95 mA
Control Voltage
28 Volts
TTL Inputs (E): - High Level
2.4 to 5 Volts / at 5 Volts
- Low Level
0 to 0.8 Volts / at 0.8 Volts
TTL Control
“1”: On, “0”: Off, Enable: 5V, Disable: 0V
Trigger
“on” = 2.4 Volts
“off” = 0.8 Volts
RF Input Power (Max CW)
50 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 2
2 to 4
4 to 12.4
GHz
VSWR, Max
1.15:1
1.2:1
1.6:1
Insertion Loss, Max
0.2
0.25
0.6
dB
Isolation, Min
80
80
60
dB
.
Mechanical Specifications
Connector Type
N Female
Operating Life
1,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
20 ms Max
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with Indica-
tors, Latching, TTL PE71S6157
PE71S6157
PE71S6157 REV 1.0
SPDT Electromechanical Relay Switch DC to 12.4 GHz,
N, 50 Watts, 28V Control with Indicators, Latching, TTL


Similar Part No. - PE71S6157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6151 PASTERNACK-PE71S6151 Datasheet
451Kb / 6P
SPDT Electromechanical Relay Switch DC to
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results

Similar Description - PE71S6157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com