Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5646A Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC5646A
Description  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A Datasheet(HTML) 2 Page - ON Semiconductor

  2SC5646A Datasheet HTML 1Page - ON Semiconductor 2SC5646A Datasheet HTML 2Page - ON Semiconductor 2SC5646A Datasheet HTML 3Page - ON Semiconductor 2SC5646A Datasheet HTML 4Page - ON Semiconductor 2SC5646A Datasheet HTML 5Page - ON Semiconductor 2SC5646A Datasheet HTML 6Page - ON Semiconductor 2SC5646A Datasheet HTML 7Page - ON Semiconductor 2SC5646A Datasheet HTML 8Page - ON Semiconductor 2SC5646A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC5646A
No. A1120-2/9
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=5V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE
VCE=1V, IC=5mA
100
160
Gain-Bandwidth Product
fT1VCE=1V, IC=5mA
8
10
GHz
fT2VCE=3V, IC=15mA
12.5
GHz
Output Capacitance
Cob
VCB=1V, f=1MHz
0.55
0.7
pF
Reverse Transfer Capacitance
Cre
0.4
pF
Forward Transfer Gain
⏐S21e⏐
21VCE=1V, IC=5mA, f=2GHz
8
9.5
dB
⏐S21e⏐
22VCE=3V, IC=15mA, f=2GHz
10.5
dB
Noise Figure
NF
VCE=1V, IC=3mA, f=2GHz
1.5
2.3
dB
Ordering Information
Device
Package
Shipping
memo
2SC5646A-TL-H
SSFP
8,000pcs./reel
Pb Free and Halogem Free
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
0
0
2
IT15425
IT15426
4
6
8
1
3
5
7
9
1
3
2
4
0
0
0.2
0.4
0.6
0.8
1.0
1.2
20
25
30
10
15
5
IB=0mA
0.05mA
0.04mA
0.03mA
0.02mA
0.01mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com