Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM830PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHM830PBF
Description  Compatible with Existing Surface Mount Techniques
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHM830PBF Datasheet HTML 1Page - International Rectifier IRFHM830PBF Datasheet HTML 2Page - International Rectifier IRFHM830PBF Datasheet HTML 3Page - International Rectifier IRFHM830PBF Datasheet HTML 4Page - International Rectifier IRFHM830PBF Datasheet HTML 5Page - International Rectifier IRFHM830PBF Datasheet HTML 6Page - International Rectifier IRFHM830PBF Datasheet HTML 7Page - International Rectifier IRFHM830PBF Datasheet HTML 8Page - International Rectifier IRFHM830PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFHM830PbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 6, 2014
D
S
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case f
–––
3.4
RθJC (Top)
Junction-to-Case
f
–––
37
°C/W
RθJA
Junction-to-Ambient g
–––
46
RθJA (<10s)
Junction-to-Ambient
g
–––
31
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
3.0
3.8
–––
4.8
6.0
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.3
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
52
–––
–––
S
Qg
Total Gate Charge
–––
31
–––
nC
Qg
Total Gate Charge
–––
15
23
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
2.0
–––
Qgd
Gate-to-Drain Charge
–––
5.0
–––
Qgodr
Gate Charge Overdrive
–––
4.2
–––
See Fig.17 & 18
Qsw
Switch Charge (Qgs2 + Qgd)
–––
7.0
–––
Qoss
Output Charge
–––
9.7
–––
nC
RG
Gate Resistance
–––
2.5
–––
Ω
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
25
–––
td(off)
Turn-Off Delay Time
–––
13
–––
tf
Fall Time
–––
9.2
–––
Ciss
Input Capacitance
–––
2155
–––
Coss
Output Capacitance
–––
350
–––
Crss
Reverse Transfer Capacitance
–––
160
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode) h
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
23
35
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
VGS = 4.5V, ID = 20A e
VGS = 4.5V
Typ.
–––
RG=1.8Ω
VDS = 15V, ID = 20A
VDS = 24V, VGS = 0V, TJ = 125°C
mΩ
μA
ID = 20A
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/μs
eÃ
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VGS = 10V, VDS = 15V, ID = 20A
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
ID = 20A
VGS = 0V
VDS = 25V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 20A e
pF
nC
Conditions
See Fig.15
Max.
82
20
ƒ = 1.0MHz
VDS = 15V
–––
VDS = VGS, ID = 50μA
A
40
–––
–––
160
–––
–––
nA
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com