Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2124 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SA2124
Description  Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2124 Datasheet(HTML) 3 Page - ON Semiconductor

  2SA2124 Datasheet HTML 1Page - ON Semiconductor 2SA2124 Datasheet HTML 2Page - ON Semiconductor 2SA2124 Datasheet HTML 3Page - ON Semiconductor 2SA2124 Datasheet HTML 4Page - ON Semiconductor 2SA2124 Datasheet HTML 5Page - ON Semiconductor 2SA2124 Datasheet HTML 6Page - ON Semiconductor 2SA2124 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA2124
No.7920-3/7
--2.0
--1.8
--1.6
--1.2
--1.4
--0.8
--1.0
--0.4
--0.6
--0.2
0
--0.4
0
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
IC -- VCE
IT07248
--10mA
--15mA
--20mA
--25mA
--40mA
IB=0mA
--5mA
--2mA
VCE= --2V
--2.0
--1.0
--0.5
--1.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
IC -- VBE
IT07249
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Cob -- VCB
5
3
2
10
7
--0.1
37
25
3
7
25
3
2
--1.0
--10
5
IT07252
f=1MHz
--0.1
2
3
5
7
2
3
5
--0.01
--0.01
--0.1
23
5
7
2
3
5
7
2
3
5
--1.0
VCE(sat) -- IC
Ta=75
°C
--2
5°
C
IT07253
IC / IB=20
25
°C
IT07255
A S O
VBE(sat) -- IC
3
--1.0
3
--0.01
--0.1
--1.0
Ta= --25°C
25
°C
75°C
2
7
5
23
5
7
23
5
23
5
7
IC / IB=20
IT07254
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
--10
--0.1
--0.01
23
5
7
--0.1
--1.0
23
5
7 --10
23
5
100ms
DC
operation
10ms
ICP= --5A
IC= --2A
1ms
Dissipation
Limited
<10μs
Tc=25
°C
Single Pulse
Ta=75
°C
25
°C
--25
°C
7
100
7
5
3
2
5
--0.01
3
25
--0.1
73
25
7
2
3
--1.0
hFE -- IC
VCE= --2V
IT07250
f T -- IC
100
2
7
5
1000
7
5
3
--0.01
25
7
32
5
7
32
3
--0.1
--1.0
IT07251
VCE= --10V
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com