Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1683 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SD1683
Description  Bipolar Transistor (-)50V, (-)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1683 Datasheet(HTML) 1 Page - ON Semiconductor

  2SD1683 Datasheet HTML 1Page - ON Semiconductor 2SD1683 Datasheet HTML 2Page - ON Semiconductor 2SD1683 Datasheet HTML 3Page - ON Semiconductor 2SD1683 Datasheet HTML 4Page - ON Semiconductor 2SD1683 Datasheet HTML 5Page - ON Semiconductor 2SD1683 Datasheet HTML 6Page - ON Semiconductor 2SD1683 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
90512 TKIM/O2003TN (KOTO)/92098HA (KT)/4137KI/D176TA, TS No.2063-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SB1143/2SD1683
Bipolar Transistor
(–)50V, (–)4A, Low VCE(sat), (PNP)NPN Single TO-126ML
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
•
Adoption of FBET, MBIT processes
•
Low saturation voltage
•
Large current capacity and wide ASO
Specifications ( ): 2SB1143
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)60
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)4
A
Collector Current (Pulse)
ICP
(--)6
A
Collector Dissipation
PC
1.5
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7516A-002
Ordering number : EN2063C
Product & Package Information
• Package
: TO-126ML
• JEITA, JEDEC
: TO-126
• Minimum Packing Quantity : 200 pcs./bag
Marking
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
TO-126ML
0.8
0.75
2.4
4.8
0.8
0.7
8.0
4.0
1.0
1.0
3.6
1.6
3.3
12
3
LOT No.
RANK
B1143
LOT No.
RANK
D1683
2
1
3
2SD1683
2
1
3
2SB1143
2SB1143S
2SB1143T
2SD1683S
2SD1683T


Similar Part No. - 2SD1683

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1683 SANYO-2SD1683 Datasheet
126Kb / 4P
50V/4A Switching Applications
logo
Inchange Semiconductor ...
2SD1683 ISC-2SD1683 Datasheet
141Kb / 2P
Complement to Type 2SB1143
logo
Sanyo Semicon Device
2SD1683 SANYO-2SD1683 Datasheet
422Kb / 7P
50V/4A Switching Applications
logo
ON Semiconductor
2SD1683S ONSEMI-2SD1683S Datasheet
320Kb / 7P
Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SD1683S SANYO-2SD1683S Datasheet
422Kb / 7P
50V/4A Switching Applications
More results

Similar Description - 2SD1683

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1685 ONSEMI-2SD1685 Datasheet
273Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
September, 2013
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com