Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC6094 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC6094
Description  Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6094 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC6094 Datasheet HTML 1Page - ON Semiconductor 2SC6094 Datasheet HTML 2Page - ON Semiconductor 2SC6094 Datasheet HTML 3Page - ON Semiconductor 2SC6094 Datasheet HTML 4Page - ON Semiconductor 2SC6094 Datasheet HTML 5Page - ON Semiconductor 2SC6094 Datasheet HTML 6Page - ON Semiconductor 2SC6094 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC6094
No. A0410-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
5.0
3.5
4.5
1.5
2.5
0.5
4.0
2.0
3.0
1.0
0
3.0
1.0
2.0
1.5
2.5
0.5
0
0.2
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IT11035
10mA
IB=0mA
2mA
VCE=2V
0
0.2
0.4
0.6
0.8
1.0
1.2
IT11036
5mA
20mA
40mA
60mA
80mA
100mA
IT11041
3
2
7
5
10
5
7
IT11039
Ta=75
°C
--25
°C
IT11040
IC / IB=10
25°
C
3
1.0
3
Ta= --25°C
25
°C
75°C
2
7
5
IC / IB=10
IT11042
Ta=75
°C
25
°C
--25
°C
1000
7
100
5
3
2
5
7
0.01
3
25
0.1
72
3
5
2
3
5
1.0
7
0.01
3
25
0.1
72
3
2
3
5
1.0
7
5
7
100
3
3
2
7
5
2
0.01
3
25
0.1
72
3
5
2
3
5
1.0
7
0.1
3
25
1.0
72
3
5
10
3
25
100
7
72
0.1
0.01
3
2
7
7
5
2
5
3
3
2
0.01
3
25
3
25
0.1
72
3
5
1.0
7
VCE=2V
IT11037
IT11038
VCE=10V
f=1MHz
Ta
=7
5°
C
--2
5°
C
IC / IB=20
25°
C
0.01
3
25
0.1
72
3
5
2
3
5
1.0
7
0.1
0.01
5
2
7
7
5
5
3
3
2
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com