Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7155 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7155
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7155 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7155 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7155 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7155 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA RF Relay DPDT Switch From DC To 18 GHz Rated To 35 Watts And 24 Volts To 32 Volts With I , P
Features
Configuration
RF Connector
SMA Female
RF Connector Specification
MIL-C-39012
Control Connector
Solder Terminals
Frequency Range, GHz
DC to 18
Design
DPDT
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Input Power, Watts
35
Maximum Input VSWR
1.5:1
Maximum Insertion Loss, dB
0.5
Minimum Isolation, dB
60
Maximum Speed, ms
15
Control Voltage, Volts
24
Actuating Current, mA
175
Indicator Voltage, Volts
32
Frequency 1
Range, GHz
DC to 4
Insertion Loss, dB
0.2
VSWR
1.2
Maximum Input Power, Watts
85
Minimum Isolation, dB
80
Frequency 2
Range, GHz
4 to 8
Insertion Loss, dB
0.3
VSWR
1.3:1
Maximum Input Power, Watts
55
Minimum Isolation, dB
70
Frequency 3
Range, GHz
8 to 12.4
Insertion Loss, dB
0.4
VSWR
1.4:1
Maximum Input Power, Watts
45
Minimum Isolation, dB
60
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA RF Relay DPDT Switch From DC To 18 GHz Rated To 35 Watts And 24 Volts To 32 Volts
With I , P Features PE7155
PE7155
PE7155 REV
SMA RF Relay DPDT Switch From DC To 18 GHz Rated
To 35 Watts And 24 Volts To 32 Volts With I , P Features


Similar Part No. - PE7155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7150 PASTERNACK-PE7150 Datasheet
88Kb / 1P
SMA TRANSFER RELAY SWITCH FAILSAFE
PE7150 PASTERNACK-PE7150 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE7151 PASTERNACK-PE7151 Datasheet
434Kb / 5P
Transfer Electromechanical Relay Latching Switch
More results

Similar Description - PE7155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com