Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW68GL Datasheet(PDF) 4 Page - ON Semiconductor

Part # BCW68GL
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW68GL Datasheet(HTML) 4 Page - ON Semiconductor

  BCW68GL Datasheet HTML 1Page - ON Semiconductor BCW68GL Datasheet HTML 2Page - ON Semiconductor BCW68GL Datasheet HTML 3Page - ON Semiconductor BCW68GL Datasheet HTML 4Page - ON Semiconductor BCW68GL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCW68GL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
IB, BASE CURRENT (mA)
Figure 6. Saturation Region
100
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT (mA)
Figure 8. Capacitances
-0.1
-1.0
-1.0
-10
-100
-1000
-2.0
-1.0
0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.01
-0.1
-10
-100
-1.0
-10
-100
TJ = 25°C
IC = -10 mA
IC = -100 mA
IC = -300 mA
IC =
-500 mA
qVC for VCE(sat)
qVB for VBE
Cob
Cib



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com