Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3311S Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3311S
Description  1MHz Fixed-Frequency PWM Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3311S Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3311S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary Datasheet
LP3311S
LP3311s – 02 Version 2.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 5 of 7
Applications Information
LED Current Control
The LP3311S regulates the LED current by setting the
current sense resistor (R1) connecting to feedback
and ground. The internal feedback reference voltage is
200mV. The LED current can be set from following
equation easily.
ILED=200mV/R1
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for R1 selection is shown below.
Inductor Selection
The recommended value of inductor for 2 to 10
WLEDs applications are 4.7 to 22µH. Small size and
better efficiency are the major concerns for portable
device, such as LP3311S used for mobile phone. The
inductor should have low core loss at 1MHz and low
DCR for better efficiency. To avoid inductor saturation
current rating should be considered.
Dimming control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the LP3311S can
perform the dimming control by applying a PWM signal
to EN pin. The internal soft-start and wide range
dimming
frequency
from
100Hz
to
1MHz
can
insignificantly reduce audio noise when dimming. The
average LED current is proportional to the PWM signal
duty cycle. The magnitude of the PWM signal should
be higher than the maximum enable voltage of EN pin,
in order to let the dimming control perform correctly.
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is
a popular method in some applications. The dimming
control using a DC voltage circuit is shown in Figure 4.
According to the Superposition Theorem, as the DC
voltage increases, the voltage contributed to VFB
increases and the voltage drop on R2 decreases, i.e.
the LED current decreases. For example, if the VDC
range is from 0V to 2.8V, the selection of resistors in
Figure 4 sets dimming control of LED current from
20mA to 0mA.
c. Using a Filtered PWM signal
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming
control. A filtered PWM signal acts as the DC voltage
to regulate the output current. The recommended
1uF
4.7uH
10uF
Vin
GND
EN
FB
Vin
SW
OVP
LP3311S
10R
PWM
65K
5K
VDC
1uF
4.7uH
10uF
Vin
GND
EN
FB
Vin
SW
OVP
LP3311S
10R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com